データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM342-RTR データシート(PDF) 96 Page - Silicon Laboratories

部品番号 EM342-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR データシート(HTML) 96 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 92Page - Silicon Laboratories EM342-RTR Datasheet HTML 93Page - Silicon Laboratories EM342-RTR Datasheet HTML 94Page - Silicon Laboratories EM342-RTR Datasheet HTML 95Page - Silicon Laboratories EM342-RTR Datasheet HTML 96Page - Silicon Laboratories EM342-RTR Datasheet HTML 97Page - Silicon Laboratories EM342-RTR Datasheet HTML 98Page - Silicon Laboratories EM342-RTR Datasheet HTML 99Page - Silicon Laboratories EM342-RTR Datasheet HTML 100Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 143 page
background image
EM342
96
Rev 1.0
SC1_RXCNTB: Address: 0x4000C824 Reset: 0x0
Register 8.25. SC1_RXCNTB: Receive DMA Count Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXCNTB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXCNTB
Bitname
Bitfield Access
Description
SC_RXCNTB
[13:0]
RW
The offset from the start of DMA receive buffer B at which the next byte will
be written. This register is set to zero when the buffer is loaded and when the
DMA is reset. If this register is written when the buffer is not loaded, the buf-
fer is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More