データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM342-RTR データシート(PDF) 99 Page - Silicon Laboratories

部品番号 EM342-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR データシート(HTML) 99 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 95Page - Silicon Laboratories EM342-RTR Datasheet HTML 96Page - Silicon Laboratories EM342-RTR Datasheet HTML 97Page - Silicon Laboratories EM342-RTR Datasheet HTML 98Page - Silicon Laboratories EM342-RTR Datasheet HTML 99Page - Silicon Laboratories EM342-RTR Datasheet HTML 100Page - Silicon Laboratories EM342-RTR Datasheet HTML 101Page - Silicon Laboratories EM342-RTR Datasheet HTML 102Page - Silicon Laboratories EM342-RTR Datasheet HTML 103Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 143 page
background image
EM342
Rev 1.0
99
SC1_RXERRB: Address: 0x4000C838 Reset: 0x0
Register 8.28. SC1_RXERRB: DMA First Receive Error Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXERRB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXERRB
Bitname
Bitfield Access
Description
SC_RXERRB
[13:0]
R
The offset from the start of DMA receive buffer B of the first byte received
with a parity, frame, or overflow error. Note that an overflow error occurs at
the input to the receive FIFO, so this offset is 4 bytes before the overflow
position. If there is no error, it reads zero. This register will not be updated
by subsequent errors until the buffer unloads and is reloaded, or the receive
DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More