| データシートサーチシステム |
|
EM342-RTR データシート(PDF) 120 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM342-RTR データシート(HTML) 120 Page - Silicon Laboratories |
|
120 / 143 page ![]() EM342 120 Rev 1.0 16. Ordering Information Use the following part number to order the EM342: The EM300 Series package is RoHS-compliant. It conforms to the European Court of Justice decision regarding the Deca-BDE exemption of the RoHS Directive. It is PFOS-compliant in accordance with European Directive 2006/122/EC*1 released in December 2006. The EM342 reel conforms to EIA Specification 481. To order parts, contact Silicon Labs at 1+(877) 444-3032, or find a sales office or distributor on our website, www.silabs.com. Part Number Part Packaging Material Configuration EM342-RTR EM342 2000 unit reel Standard |