データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM342-RTR データシート(PDF) 139 Page - Silicon Laboratories

部品番号 EM342-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR データシート(HTML) 139 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 135Page - Silicon Laboratories EM342-RTR Datasheet HTML 136Page - Silicon Laboratories EM342-RTR Datasheet HTML 137Page - Silicon Laboratories EM342-RTR Datasheet HTML 138Page - Silicon Laboratories EM342-RTR Datasheet HTML 139Page - Silicon Laboratories EM342-RTR Datasheet HTML 140Page - Silicon Laboratories EM342-RTR Datasheet HTML 141Page - Silicon Laboratories EM342-RTR Datasheet HTML 142Page - Silicon Laboratories EM342-RTR Datasheet HTML 143Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 139 / 143 page
background image
EM342
Rev 1.0
139
O-QPSK
Offset-Quadrature Phase Shift Keying
OSC24M
High Frequency Crystal Oscillator
OSC32K
Low-Frequency 32.768 kHz Oscillator
OSCHF
High-Frequency Internal RC Oscillator
OSCRC
Low-Frequency RC Oscillator
PA
Power Amplifier
PCLK
Peripheral clock
PER
Packet Error Rate
PHY
Physical Layer
PLL
Phase-Locked Loop
POR
Power-On-Reset
PRNG
Pseudo Random Number Generator
PSD
Power Spectral Density
PTI
Packet Trace Interface
PWM
Pulse Width Modulation
QFN
Quad Flat Pack
RAM
Random Access Memory
RC
Resistive/Capacitive
RF
Radio Frequency
RMS
Root Mean Square
RoHS
Restriction of Hazardous Substances
RSSI
Receive Signal Strength Indicator
RTS
Request to Send
Rx
Receive
SYSCLK
System clock
SDFR
Spurious Free Dynamic Range
SFD
Start Frame Delimiter
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
Acronym/Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More