データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1055ACPZ-R7 データシート(PDF) 57 Page - Analog Devices

部品番号 ADP1055ACPZ-R7
部品情報  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 データシート(HTML) 57 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 57 of 140
SOFTWARE GUI
A free software GUI is available for programming and configuring
the ADP1055. The GUI is designed to be intuitive to power
supply designers and dramatically reduces power supply design
and development time.
The software includes filter design and power supply PWM
topology windows. The GUI is also an information center,
displaying the status of all readings, monitoring, and flags on
the ADP1055. The GUI takes into account all PMBus conversions;
the user need only enter the voltage and current settings (or
thresholds) in volts and amperes. All PMBus flags and readings
are also displayed in the GUI. For more information about the
GUI, see the ADP1055 product page).
Evaluation boards are also available; for more information, see
the ADP1055 product page).
Figure 83. Voltage Settings Window of the ADP1055 GUI
Figure 84. Monitor Window of the ADP1055 GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More