| データシートサーチシステム |
|
ADP1055ACPZ-R7 データシート(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 データシート(HTML) 90 Page - Analog Devices |
|
90 / 140 page ![]() ADP1055 Data Sheet Rev. A | Page 90 of 140 Bits Bit Name R/W Description [2:0] t2, t4, t6, t8, t10, t12 offset R/W This value multiplied by Register 0xFE1D[2:0] determines the offset for t2, t4, t6, t8, t10, t12 from nominal timing at no load. Bit 2 Bit 1 Bit 0 Offset (ns) 0 0 0 0 0 0 1 1 0 1 0 2 0 1 1 3 1 0 0 4 1 0 1 5 1 1 0 6 1 1 1 7 Table 149. Register 0xFE23, Register 0xFE24—SR1_DEAD_TIME, SR2_DEAD_TIME (Requires Use of the GO Bit in Register 0xFE00) Bits Bit Name R/W Description 7 t9, t11 polarity R/W 0 = positive polarity. 1 = negative polarity. [6:4] t9, t11 offset R/W This value multiplied by Register 0xFE1D[2:0] determines the offset for t1, t3, t5, t7, t9, t11 from nominal timing at no load. Bit 6 Bit 5 Bit 4 Offset (ns) 0 0 0 0 0 0 1 1 0 1 0 2 0 1 1 3 1 0 0 4 1 0 1 5 1 1 0 6 1 1 1 7 3 t10, t12 polarity R/W 0 = positive polarity. 1 = negative polarity. [2:0] t10, t12 offset R/W This value multiplied by Register 0xFE1D[2:0] determines the offset for t2, t4, t6, t8, t10, t12 from nominal timing at no load. Bit 2 Bit 1 Bit 0 Offset (ns) 0 0 0 0 0 0 1 1 0 1 0 2 0 1 1 3 1 0 0 4 1 0 1 5 1 1 0 6 1 1 1 7 Table 150. Register 0xFE25—VSBAL_SETTING (Requires Use of the GO Bit in Register 0xFE00) Bits Bit Name R/W Description 7 Reserved R Reserved. 6 Volt-second balance enable R/W Setting this bit enables volt-second balance for the main transformer (used for full-bridge configurations). 5 Reserved R Set to 0 for proper operation. 4 Volt-second disable during soft start R/W 0 = do not blank volt-second balance control during soft start (recommended). 1 = blank volt-second balance control during soft start. 3 Reserved R Reserved. 2 Reserved R Reserved. |