| データシートサーチシステム |
|
ADP1055ACPZ-R7 データシート(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 データシート(HTML) 81 Page - Analog Devices |
|
81 / 140 page ![]() Data Sheet ADP1055 Rev. A | Page 81 of 140 MFR_LOCATION The MFR_LOCATION register stores the manufacturer location. This register can store nine bytes. Table 93. Register 0x9C—MFR_LOCATION Bits Bit Name R/W Description [7:0] Location Block read/write Return the manufacturer’s location. MFR_DATE The MFR_DATE register stores the manufacturer date. This register can store 11 bytes. Table 94. Register 0x9D—MFR_DATE Bits Bit Name R/W Description [7:0] Date Block read/write Return the manufacturer’s date. MFR_SERIAL The MFR_SERIAL register stores the manufacturer serial number. This register can store 13 bytes. Table 95. Register 0x9E—MFR_SERIAL Bits Bit Name R/W Description [7:0] Serial No Block read/write Return the manufacturer’s serial number. IC_DEVICE_ID The IC_DEVICE_ID register stores the ID and device number of the ADP1055. The default values are 0x02, 0x41, 0x55. Table 96. Register 0xAD—IC_DEVICE_ID Bits Bit Name R/W Description [7:0] Revision Block read/write Return the IC’s ID and device number: 0x02, 0x41, 0x55. IC_DEVICE_REV The IC_DEVICE_REV register stores the device revision number of the ADP1055. The default values are 0x01 and 0xREV. Table 97. Register 0xAE—IC_DEVICE_REV Bits Bit Name R/W Description [7:0] Revision Block read/write Device revision number: 0x01 0x11. EEPROM_PAGE_00 Through EEPROM_PAGE_15 Commands Register 0xB0 through Register 0xBF are read/write block commands. The EEPROM_PAGE_00 through EEPROM_PAGE_15 commands are used to read data from the EEPROM (Page 0 through Page 15) and to write data to the EEPROM (Page 6 through Page 15). For example, EEPROM_PAGE_07 reads from and writes to Page 7 of the EEPROM main block; EEPROM_PAGE_11 reads from and writes to Page 11 of the EEPROM main block. For more information, see the EEPROM section. EEPROM_PAGE_00 Table 98. Register 0xB0—EEPROM_PAGE_00 Bits Bit Name R/W Description [7:0] EEPROM_PAGE_00 Block read Reserved by manufacturer for storing the default settings. EEPROM_PAGE_01 Table 99. Register 0xB1—EEPROM_PAGE_01 Bits Bit Name R/W Description [7:0] EEPROM_PAGE_01 Block read Reserved by manufacturer for storing the user settings. |