| データシートサーチシステム |
|
ADP1055ACPZ-R7 データシート(PDF) 108 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 データシート(HTML) 108 Page - Analog Devices |
|
108 / 140 page ![]() ADP1055 Data Sheet Rev. A | Page 108 of 140 Table 179. Register 0xFE42—GPIO3_4_KARNAUGH_MAP Bits Bit Name R/W Description [7:4] GPIO4 logic function R/W 0x0 = GND 0x1 = PGOOD1 AND PGOOD2 0x2 = PGOOD1 AND ~PGOOD2 0x3 = PGOOD1 0x4 = ~PGOOD1 AND PGOOD2 0x5 = PGOOD2 0x6 = PGOOD1 XOR PGOOD2 0x7 = PGOOD1 OR PGOOD2 0x8 = PGOOD1 NOR PGOOD2 0x9 = PGOOD1 XNOR PGOOD2 0xA = ~PGOOD2 0xB = PGOOD1 OR ~PGOOD2 0xC = ~PGOOD1 0xD = ~PGOOD1 OR PGOOD2 0xE = PGOOD1 NAND PGOOD2 0xF = VDD [3:0] GPIO3 logic function R/W 0x0 = GND 0x1 = PGOOD1 AND PGOOD2 0x2 = PGOOD1 AND ~PGOOD2 0x3 = PGOOD1 0x4 = ~PGOOD1 AND PGOOD2 0x5 = PGOOD2 0x6 = PGOOD1 XOR PGOOD2 0x7 = PGOOD1 OR PGOOD2 0x8 = PGOOD1 NOR PGOOD2 0x9 = PGOOD1 XNOR PGOOD2 0xA = ~PGOOD2 0xB = PGOOD1 OR ~PGOOD2 0xC = ~PGOOD1 0xD = ~PGOOD1 OR PGOOD2 0xE = PGOOD1 NAND PGOOD2 0xF = VDD Table 180. Register 0xFE43—PGOOD_FAULT_DEB Bits Bit Name R/W Description [7:6] PGOOD2_OFF_DEB R/W Bit 7 Bit 6 Debounce (ms) 0 0 0 0 1 150 + 10 1 0 350 + 10 1 1 550 + 10 [5:4] PGOOD2_ON_DEB R/W Bit 5 Bit 4 Debounce (ms) 0 0 0 0 1 150 + 10 1 0 350 + 10 1 1 550 + 10 [3:2] PGOOD1_OFF_DEB R/W Bit 3 Bit 2 Debounce (ms) 0 0 0 0 1 150 + 10 1 0 350 + 10 1 1 550 + 10 |