| データシートサーチシステム |
|
USB3803 データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3803 データシート(HTML) 22 Page - Microchip Technology |
|
22 / 99 page ![]() USB3803 DS00001691B-page 22 2014-2015 Microchip Technology Inc. E2h R/W Upstream Battery Charger Detection BATT_CHG 5.3.27, page 31 E3-E4h R/W Reserved N/A E5h R Port Power Status PRTPWR 5.3.28, page 32 E6h R/W Over Current Sense Control OCS 5.3.29, page 32 E7h R/W Serial Port Interlock Control SP_ILOCK 5.3.30, page 32 E8h R/W Serial Port Interrupt Status INT_STATUS 5.3.31, page 33 E9h R/W Serial Port Interrupt Mask INT_MASK 5.3.32, page 34 EAh R I2C Address 0 I2CADD0 5.3.33, page 34 EBh R I2C Address 1 I2CADD1 5.3.34, page 35 ECh R/W Battery Charger Mode BCHGMODE 5.3.35, page 35 EDh R/W Charger Detect Mask CHGDETMASK 5.3.36, page 35 EEh R/W Configure Portable Hub CFGP 5.3.37, page 36 EFh- F3h RReserved N/A F4h R/W Varisense_Up3 VSNSUP3 5.3.38, page 36 F5h R/W Varisense_21 VSNS21 5.3.39, page 37 F6h R/W Boost_Up3 BSTUP3 5.3.40, page 37 F7h R/W Reserved N/A F8h R/W Boost_21 BST21 5.3.41, page 38 F9h R/W Reserved N/A FAh R/W Port Swap PRTSP 5.3.42, page 38 FBh R/W Port Remap 12 PRTR12 5.3.43, page 39 FCh R/W Port Remap 34 PRTR34 5.3.44, page 40 FDh R/W Reserved N/A FEh R/W Reserved N/A FFh R/W I2C Status/Command STCD 5.3.45, page 41 TABLE 5-2: SERIAL INTERFACE REGISTERS (CONTINUED) Reg Addr R/W Register Name Abbrevation Section |