| データシートサーチシステム |
|
USB3803 データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3803 データシート(HTML) 73 Page - Microchip Technology |
|
73 / 99 page ![]() 2014-2015 Microchip Technology Inc. DS00001691B-page 73 USB3803 The diagram in Figure 8-3 illustrates automatic Battery Charging detection when enhanced battery charger detection is enabled. A USB Battery Charging 1.1 charger is discovered and the charger detection sequence continues in order to differentiate between a Dedicated Charging Port and a Charging Downstream Port. 8.1.3 BATTERY CHARGER TIMING Table 8-2 specifies timing parameters for the battery charging sequence. FIGURE 8-3: ENHANCED CHARGER DETECTION TIMING - BC1.1 TABLE 8-2: BATTERY CHARGING TIMING PARAMETERS Characteristic Symbol Min Typ Max Units Conditions Charger Detection Start Time delay TCDSTART Thubinit + Thubconfig mS See Table 4-2 Data Contact Detect Time-out TDCD_TOUT 199 200 204 mS HUB.ChgDet stage on pll RESET_N IDP_SRC, RPD_DM DP ChargerType ChrgDetComple te T_CdStart T_DCD_TOUT DM ‘100’ or ‘101’ VDAT_SRC (DP) T_VDPSRC_ON T_VDPSRC_ON VDAT_SRC (DM) ‘1’ if connected to DCP ‘0’ if connected to CDP ‘001’ if connected to DCP ‘010’ if connected to CDP |