| データシートサーチシステム |
|
USB3803 データシート(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3803 データシート(HTML) 88 Page - Microchip Technology |
|
88 / 99 page ![]() USB3803 DS00001691B-page 88 2014-2015 Microchip Technology Inc. FIGURE 11-2: DUAL USB DEVICE AND HOST APPLICATION Note: While RESET_N is driven low, all other inputs from Applications Processor should also be driven low in order to minimize current draw. To disable a downstream port, tie DP and DM to VDD33_BYP pin of the USB3803. RBIAS RBIAS USBDN3_DP USBDN3_DM USBDN2_DM USBDN2_DP INT_N HUB_CONNECT SDA SCL REFCLK VDD_I2C RPU1 RPU1 USB3803 VSS VDD33_BYP VDD_CORE_REG VDD12_BYP CVDD12BYP CVDD33BYP COUT COUT +1.8V VBAT VBAT VDD33_BYP Connect pins to either VDD33_BYP or GND. I2C_ASEL0 I2C_ASEL1 REF_SEL0 REF_SEL1 USBDN1_DM USBDN1_DP USBUP_DM USBUP_DP VDD_INTN RPU2 BYPASS_N RESET_N PMIC 3G Baseband Processor VBUS DP DM GND VBUS From Applications Processor Applications Processor USB 2.0 Host/OTG Port USB 2.0 Device Port USB3740 High Speed 2:1 Switch VDD33_BYP Port 1 Disabled |