データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6362A データシート(PDF) 30 Page - STMicroelectronics

部品番号 L6362A
部品情報  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A データシート(HTML) 30 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 26Page - STMicroelectronics L6362A Datasheet HTML 27Page - STMicroelectronics L6362A Datasheet HTML 28Page - STMicroelectronics L6362A Datasheet HTML 29Page - STMicroelectronics L6362A Datasheet HTML 30Page - STMicroelectronics L6362A Datasheet HTML 31Page - STMicroelectronics L6362A Datasheet HTML 32Page - STMicroelectronics L6362A Datasheet HTML 33Page - STMicroelectronics L6362A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Typical application
L6362A
30/37
DocID027660 Rev 4
12
Typical application
Figure 14: Typical IO-Link sensor application 2
Figure 15: Sensor application without microcontroller
Linear
regulator
Undervoltage lock-out
- Current limit.
- Cut-off
- Overtemp.
- Active clamp
Receiver
Output stage
(transmitter)
Overload
detection
Logic
interface
L6362A
VDD
IN2
OUTI/Q
OL
VCC
GND
OUTH
I/Q
SEL
IN1
OUTL
Microcontroller
UART
or
GPIOs
IRQ
GPIOs
IRQ
VDD
Sensor
IO-link line
1 µF
EN/DIAG
GIPG020320151308LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37