データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6362A データシート(PDF) 5 Page - STMicroelectronics

部品番号 L6362A
部品情報  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A データシート(HTML) 5 Page - STMicroelectronics

  L6362A Datasheet HTML 1Page - STMicroelectronics L6362A Datasheet HTML 2Page - STMicroelectronics L6362A Datasheet HTML 3Page - STMicroelectronics L6362A Datasheet HTML 4Page - STMicroelectronics L6362A Datasheet HTML 5Page - STMicroelectronics L6362A Datasheet HTML 6Page - STMicroelectronics L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
L6362A
List of figures
DocID027660 Rev 4
5/37
List of figures
Figure 1: Block diagram ..............................................................................................................................6
Figure 2: Pin connection (top through view) ...............................................................................................7
Figure 3: Push-pull operation....................................................................................................................21
Figure 4: High-side operation ...................................................................................................................21
Figure 5: Low-side operation ....................................................................................................................22
Figure 6: Active clamp equivalent principle schematic. HS configuration (load to GND) .........................23
Figure 7: Active clamp equivalent principle schematic. LS configuration (load to VCC) ..........................23
Figure 8: Fast demagnetization operation example. HS configuration (load to GND) .............................24
Figure 9: Fast demagnetization operation example. LS configuration (load to Vcc) ................................24
Figure 10: Slow demagnetization principle operation. (PP, load to GND)................................................25
Figure 11: Slow demagnetization operation example. HS configuration (load to GND) ..........................25
Figure 12: Slow demagnetization operation example. LS configuration (load to VCC) ...........................26
Figure 13: Output current in overload condition .......................................................................................28
Figure 14: Typical IO-Link sensor application 2 .......................................................................................30
Figure 15: Sensor application without microcontroller ..............................................................................30
Figure 16: Inductive load driver ................................................................................................................31
Figure 17: DFN12 (3x3 mm) package outline...........................................................................................33
Figure 18: DFN12 (3x3 mm) recommended footprint ...............................................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37