| データシートサーチシステム |
|
LDK320AM-R データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDK320AM-R データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 25 page ![]() Maximum ratings LDK320 6/25 DocID028460 Rev 1 4 Maximum ratings Table 4: Absolute maximun ratings Symbol Parameter Value Unit VIN DC input voltage - 0.3 to 20 V VOUT DC output voltage - 0.3 to VI + 0.3 V VEN Enable input voltage - 0.3 to VI + 0.3 V VADJ ADJ pin voltage - 0.3 to 2 V IOUT Output current Internally limited mA PD(1) Power dissipation Internally limited mW TSTG Storage temperature range - 65 to 150 °C TOP Operating junction temperature range - 40 to 125 °C Notes: (1)Maximum power dissipation must be calculated by taking into account the package and thermal performance. Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 5: Thermal data Symbol Parameter SOT23-5L SOT-89 Unit RthJA Thermal resistance junction-ambient 160 110 °C/W RthJC Thermal resistance junction-case 68 15 °C/W |