データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746NG データシート(PDF) 83 Page - STMicroelectronics

部品番号 STM32F746NG
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG データシート(HTML) 83 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 79Page - STMicroelectronics STM32F746NG Datasheet HTML 80Page - STMicroelectronics STM32F746NG Datasheet HTML 81Page - STMicroelectronics STM32F746NG Datasheet HTML 82Page - STMicroelectronics STM32F746NG Datasheet HTML 83Page - STMicroelectronics STM32F746NG Datasheet HTML 84Page - STMicroelectronics STM32F746NG Datasheet HTML 85Page - STMicroelectronics STM32F746NG Datasheet HTML 86Page - STMicroelectronics STM32F746NG Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 227 page
background image
Port F
PF13
-
-
-
-
I2C4_SM
BA
--
-
-
-
-
-
FMC_A7
--
EVEN
TOUT
PF14
-
-
-
-
I2C4_SC
L
--
-
-
-
-
-
FMC_A8
--
EVEN
TOUT
PF15
-
-
-
-
I2C4_SD
A
--
-
-
-
-
-
FMC_A9
--
EVEN
TOUT
Port G
PG0
-
--
-
-
--
-
-
-
-
-
FMC_A1
0
--
EVEN
TOUT
PG1
-
--
-
-
--
-
-
-
-
-
FMC_A1
1
--
EVEN
TOUT
PG2
-
--
-
-
--
-
-
-
-
-
FMC_A1
2
--
EVEN
TOUT
PG3
-
--
-
-
--
-
-
-
-
-
FMC_A1
3
--
EVEN
TOUT
PG4
-
--
-
-
--
-
-
-
-
-
FMC_A1
4/FMC_
BA0
--
EVEN
TOUT
PG5
-
--
-
-
--
-
-
-
-
-
FMC_A1
5/FMC_
BA1
--
EVEN
TOUT
PG6
-
--
-
-
--
-
-
-
-
-
-
DCMI_D
12
LCD_R7
EVEN
TOUT
PG7
-
--
-
-
--
-
USART6
_CK
--
-
FMC_IN
T
DCMI_D
13
LCD_CL
K
EVEN
TOUT
PG8
-
-
-
-
-
SPI6_NS
S
-
SPDIFRX
_IN2
USART6
_RTS
--
ETH_PPS
_OUT
FMC_SD
CLK
--
EVEN
TOUT
PG9
-
--
-
-
--
SPDIFRX
_IN3
USART6
_RX
QUADSP
I_BK2_IO
2
SAI2_FS_
B
-
FMC_NE
2/FMC_
NCE
DCMI_V
SYNC
-
EVEN
TOUT
PG10
-
-
-
-
-
-
-
-
-
LCD_G3
SAI2_SD_
B
-
FMC_NE
3
DCMI_D
2
LCD_B2
EVEN
TOUT
Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More