| データシートサーチシステム |
|
STM32F746NG データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NG データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 227 page ![]() Functional overview STM32F745xx STM32F746xx 24/227 DocID027590 Rev 4 Figure 4. VDDUSB connected to VDD power supply Figure 5. VDDUSB connected to external power supply 2.17 Power supply supervisor 2.17.1 Internal reset ON On packages embedding the PDR_ON pin, the power supply supervisor is enabled by holding PDR_ON high. On the other packages, the power supply supervisor is always enabled. The device has an integrated power-on reset (POR)/ power-down reset (PDR) circuitry coupled with a Brownout reset (BOR) circuitry. At power-on, POR/PDR is always active and ensures proper operation starting from 1.8 V. After the 1.8 V POR threshold level is |