データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746NG データシート(PDF) 15 Page - STMicroelectronics

部品番号 STM32F746NG
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG データシート(HTML) 15 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 11Page - STMicroelectronics STM32F746NG Datasheet HTML 12Page - STMicroelectronics STM32F746NG Datasheet HTML 13Page - STMicroelectronics STM32F746NG Datasheet HTML 14Page - STMicroelectronics STM32F746NG Datasheet HTML 15Page - STMicroelectronics STM32F746NG Datasheet HTML 16Page - STMicroelectronics STM32F746NG Datasheet HTML 17Page - STMicroelectronics STM32F746NG Datasheet HTML 18Page - STMicroelectronics STM32F746NG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 227 page
background image
DocID027590 Rev 4
15/227
STM32F745xx STM32F746xx
Description
44
1.1
Full compatibility throughout the family
The STM32F745xx and STM32F746xx devices are fully pin-to-pin, compatible with the
STM32F4xxxx devices, allowing the user to try different peripherals, and reaching higher
performances (higher frequency) for a greater degree of freedom during the development
cycle.
Figure 1 give compatible board designs between the STM32F4xx families.
Figure 1. Compatible board design for LQFP100 package
The STM32F745xx and STM32F746xx LQFP144, LQFP176, LQFP208, TFBGA216,
UFBGA176, WLCSP143 packages are fully pin to pin compatible with STM32F4xxxx
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More