| データシートサーチシステム |
|
ST-PLC-AFE データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-PLC-AFE データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 58 page ![]() Application information ST-PLC-AFE 52/58 DocID028727 Rev 1 Figure 53. Zero crossing detector threshold voltages 10.9 PCB layout recommendations For optimized performance, it is recommended to follow the advice below: • Minimize track length to have low-inductance connections to ground pins. • Place bypass capacitors as close as possible to all VDD connections. • Keep the ground plane as homogeneous as possible by adding through-hole vias on the PCB. This helps to have the same reference voltage at each point of the PCB by minimizing parasitic ground inductance due to ground-current return paths. • Limit the number of tracks that cut the ground plane dissipation because tracks running parallel to the ST-PLC-AFE limit power dissipation. It is recommended to have tracks that are orthogonal to the device. 10.10 Power-line demonstration and development kit A full demonstration board and development kit is available for evaluation. Please contact the STMicroelectronic sales office for tool access. |