| データシートサーチシステム |
|
ST-PLC-AFE データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-PLC-AFE データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 58 page ![]() Application information ST-PLC-AFE 40/58 DocID028727 Rev 1 10 Application information 10.1 Thermal sensor Figure 40. Thermal ladder characteristic The THERMAL pin can be connected to a microcontroller GPIO pin which allows the internal temperature to be directly measured. The thermal sensor is physically placed close to the PAs to give the highest temperature indication inside the silicon. Figure 41. Connection of TEMP and interrupt pin |