データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPT01-335DEE データシート(PDF) 8 Page - STMicroelectronics

部品番号 SPT01-335DEE
部品情報  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE データシート(HTML) 8 Page - STMicroelectronics

Back Button SPT01-335DEE Datasheet HTML 4Page - STMicroelectronics SPT01-335DEE Datasheet HTML 5Page - STMicroelectronics SPT01-335DEE Datasheet HTML 6Page - STMicroelectronics SPT01-335DEE Datasheet HTML 7Page - STMicroelectronics SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics SPT01-335DEE Datasheet HTML 10Page - STMicroelectronics SPT01-335DEE Datasheet HTML 11Page - STMicroelectronics SPT01-335DEE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Evaluation of the clamping voltage
SPT01-335DEE
8/16
DocID15200 Rev3
5
Evaluation of the clamping voltage
VBR (TJ) = VBR (25) x (1+ αT (TJ – 25))
VCL MAX (8/20 µs) = VBR MAX + RD x IPP
5.1
Application considerations
5.1.1
Demagnetization of an inductive load driven by the switch protection
diode
The turn off energy EOFF that could be dissipated in the D1 diode is calculated as shown in
AN587 and AN1351 application notes:
EOFF = VBR x L x [VCC + (VCC - VBR) x ln (VBR / (VBR - VCC))] / (RS)²
tOFF = L x ln (VBR / (VBR - VCC)) / RS
POFF = EOFF / tOFF
With L = 1 H; I = 0.3 A; VBR = 39 V; VCC = 30 V, RS = 100 Ω the stress withstood by D1
becomes:
EOFF = 65 mJ; tOFF = 15 ms; POFF = 4.3 W
In a single pulse mode operation, the junction temperature can be fairly estimated:
TJ = Tamb + [Zth (tOFF) x POFF]
In a repetitive operation with an F repetitive rate,
PAV = EOFF x F
T(J_AV) = Tamb + PAV x Rth(j-a)
And during the demagnetization tOFF, TJ_PK < TJ_AV + POFF x Zth (tOFF)
ZTH is the transient thermal impedance of each diode for a pulse having a duration tOFF.
Figure 12. Electrical diagram for inductive load demagnetization
Load
D3
D1
V
CC
V
BR
R
L
Load
Switch
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com