データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPT01-335DEE データシート(PDF) 9 Page - STMicroelectronics

部品番号 SPT01-335DEE
部品情報  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE データシート(HTML) 9 Page - STMicroelectronics

Back Button SPT01-335DEE Datasheet HTML 5Page - STMicroelectronics SPT01-335DEE Datasheet HTML 6Page - STMicroelectronics SPT01-335DEE Datasheet HTML 7Page - STMicroelectronics SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics SPT01-335DEE Datasheet HTML 10Page - STMicroelectronics SPT01-335DEE Datasheet HTML 11Page - STMicroelectronics SPT01-335DEE Datasheet HTML 12Page - STMicroelectronics SPT01-335DEE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID15200 Rev3
9/16
SPT01-335DEE
Evaluation of the clamping voltage
5.1.2
Life time considerations
Life time of the product is calculated to exceed 10 years. The key parameters to consider
are the ambient temperature (Tamb < 100 °C), the power supply voltage (VCC < 30 V), and
the current in the reverse blocking diode (IF = 0.1 A switching at 0.5 Hz with 50% duty cycle,
the stand-by current being less than 1.5 mA).
For higher current or higher switching frequency operation, the life time should be calculated
considering the peak and average junction temperature.
This junction temperature can be reduced by reducing the thermal resistance of the
clamping diode, D1 normally. This can be done by increasing its PCB copper tab surface
SCu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com