データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPT01-335DEE データシート(PDF) 10 Page - STMicroelectronics

部品番号 SPT01-335DEE
部品情報  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE データシート(HTML) 10 Page - STMicroelectronics

Back Button SPT01-335DEE Datasheet HTML 6Page - STMicroelectronics SPT01-335DEE Datasheet HTML 7Page - STMicroelectronics SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics SPT01-335DEE Datasheet HTML 10Page - STMicroelectronics SPT01-335DEE Datasheet HTML 11Page - STMicroelectronics SPT01-335DEE Datasheet HTML 12Page - STMicroelectronics SPT01-335DEE Datasheet HTML 13Page - STMicroelectronics SPT01-335DEE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
SPT01-335DEE
10/16
DocID15200 Rev3
6
Package information
•
Epoxy meets UL94,V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13. QFN 3x3 package dimension definitions
Index area
Top view
Bottom view
Side view
Pin#1 ID
D
A1
A
E
e
b1
b
E2
L1
D2
L
k1
K
3
4
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16