データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNI8200XP-32 データシート(PDF) 40 Page - STMicroelectronics

部品番号 VNI8200XP-32
部品情報  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 データシート(HTML) 40 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 35Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 36Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 37Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 38Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 39Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 40Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 41Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 42Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Package information
VNI8200XP-32
40/43
DocID027849 Rev 3
Figure 22: PowerSSO-36 tape dimension outline
Table 21: PowerSSO-36 tape dimension mechanical data
Description
Dimensions
Value
Tape width
W
24
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
12
Hole diameter
D (± 0.05)
1.55
Hole diameter
D1 (min.)
1.5
Hole position
F (± 0.1)
11.5
Compartment depth
K (max.)
2.85
Hole spacing
P1 (± 0.1)
2
According to the Electronic Industries Association (EIA) standard 481 rev. A, Feb
1986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43