データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65023 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPS65023
部品情報  Power Management IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023 データシート(HTML) 9 Page - Texas Instruments

Back Button TPS65023_15 Datasheet HTML 5Page - Texas Instruments TPS65023_15 Datasheet HTML 6Page - Texas Instruments TPS65023_15 Datasheet HTML 7Page - Texas Instruments TPS65023_15 Datasheet HTML 8Page - Texas Instruments TPS65023_15 Datasheet HTML 9Page - Texas Instruments TPS65023_15 Datasheet HTML 10Page - Texas Instruments TPS65023_15 Datasheet HTML 11Page - Texas Instruments TPS65023_15 Datasheet HTML 12Page - Texas Instruments TPS65023_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TPS65023, TPS65023B
www.ti.com
SLVS670K – JUNE 2006 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CONTROL SIGNALS: LOWBAT, PWRFAIL, RESPWRON, INT, SDAT (OUTPUT)
VOH
High-level output voltage
6
V
VOL
Low-level output voltage
IIL = 5 mA
0
0.3
V
Duration of low pulse at RESPWRON
External capacitor 1 nF
100
ms
Internal charge / discharge current on pin
1.7
2
2.3
μA
ICONST
Used for generating RESPWRON delay
TRESPWRON
Internal lower comparator threshold on
0.225
0.25
0.275
V
TRESPWRON_LOWTH
Used for generating RESPWRON delay
pin TRESPWRON
Internal upper comparator threshold on
0.97
1
1.103
V
TRESPWRON_UPTH
Used for generating RESPWRON delay
pin TRESPWRON
Resetpwron threshold
VRTC falling
–3%
2.4
3%
V
Resetpwron threshold
VRTC rising
–3%
2.52
3%
V
ILK
Leakage current
Output inactive high
0.1
μA
VLDO1 AND VLDO2 LOW DROPOUT REGULATORS
VI
Input voltage range for LDO1, 2
1.5
6.5
V
VO(LD01)
LDO1 output voltage range
1
3.15
V
VO(LDO2)
LDO2 output voltage range
1
3.3
V
VI = 1.8 V, VO = 1.3 V
200
Maximum output current for LDO1,
IO
mA
LDO2
VI = 1.5 V, VO = 1.3 V
120
LDO1 and LDO2 short-circuit current
I(SC)
V(LDO1) = GND, V(LDO2) = GND
400
mA
limit
IO = 50 mA, VINLDO = 1.8 V
120
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.5 V
65
150
mV
IO = 200 mA, VINLDO = 1.8 V
300
Output voltage accuracy for LDO1,
IO = 10 mA
–2%
1%
LDO2
VINLDO1, 2 = VLDO1,2 + 0.5 V
Line regulation for LDO1, LDO2
–1%
1%
(min. 2.5 V) to 6.5 V, IO = 10 mA
Load regulation for LDO1, LDO2
IO = 0 mA to 50 mA
–1%
1%
Regulation time for LDO1, LDO2
Load change from 10% to 90%
10
μs
ANALOGIC SIGNALS DEFDCDC1, DEFDCDC2, DEFDCDC3
VIH
High-level input voltage
1.3
VCC
V
VIL
Low-level input voltage
0
0.1
V
Input bias current
0.001
0.05
μA
THERMAL SHUTDOWN
T(SD)
Thermal shutdown
Increasing junction temperature
160
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
INTERNAL UNDERVOLTAGE LOCK OUT
UVLO
Internal UVLO
VCC falling
–2%
2.35
2%
V
V(UVLO_HYST)
Internal UVLO comparator hysteresis
120
mV
VOLTAGE DETECTOR COMPARATORS
Comparator threshold
Falling threshold
–1%
1
1%
V
(PWRFAIL_SNS, LOWBAT_SNS)
Hysteresis
40
50
60
mV
Propagation delay
25-mV overdrive
10
μs
POWER-GOOD
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODF)
–12%
–10%
–8%
VLDO2, decreasing
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODR)
–7%
–5%
–3%
VLDO2, increasing
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65023 TPS65023B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com