データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65023 データシート(PDF) 10 Page - Texas Instruments

部品番号 TPS65023
部品情報  Power Management IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023 データシート(HTML) 10 Page - Texas Instruments

Back Button TPS65023_15 Datasheet HTML 6Page - Texas Instruments TPS65023_15 Datasheet HTML 7Page - Texas Instruments TPS65023_15 Datasheet HTML 8Page - Texas Instruments TPS65023_15 Datasheet HTML 9Page - Texas Instruments TPS65023_15 Datasheet HTML 10Page - Texas Instruments TPS65023_15 Datasheet HTML 11Page - Texas Instruments TPS65023_15 Datasheet HTML 12Page - Texas Instruments TPS65023_15 Datasheet HTML 13Page - Texas Instruments TPS65023_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TPS65023, TPS65023B
SLVS670K – JUNE 2006 – REVISED DECEMBER 2015
www.ti.com
7.6 Electrical Characteristics: Supply Pins VCC, VINDCDC1, VINDCDC2, VINDCDC3
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
All 3 DCDC converters enabled, zero
VCC = 3.6 V, VBACKUP = 3 V;
85
100
load, and no switching, LDOs enabled
V(VSYSIN) = 0 V
All 3 DCDC converters enabled, zero
VCC = 3.6 V, VBACKUP = 3 V;
78
90
load, and no switching, LDOs off
V(VSYSIN) = 0 V
Operating quiescent
I(q)
μA
DCDC1 and DCDC2 converters
current, PFM
VCC = 3.6 V, VBACKUP = 3 V;
enabled, zero load, and no switching,
57
70
V(VSYSIN) = 0 V
LDOs off
DCDC1 converter enabled, zero load,
VCC = 3.6 V, VBACKUP = 3 V;
43
55
and no switching, LDOs off
V(VSYSIN) = 0 V
All 3 DCDC converters enabled and
VCC = 3.6 V, VBACKUP = 3 V;
2
3
running in PWM, LDOs off
V(VSYSIN) = 0 V
DCDC1 and DCDC2 converters
VCC = 3.6 V, VBACKUP = 3 V;
II
Current into VCC; PWM
enabled and running in PWM, LDOs
1.5
2.5
mA
V(VSYSIN) = 0 V
off
DCDC1 converter enabled and running VCC = 3.6 V, VBACKUP = 3 V;
0.85
2
in PWM, LDOs off
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 3 V;
23
33
μA
V(VSYSIN) = 0 V
VCC = 2.6 V, VBACKUP = 3 V;
I(q)
Quiescent current
All converters disabled, LDOs off
3.5
5
μA
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 0 V;
43
μA
V(VSYSIN) = 0 V
(1)
Typical values are at TA = 25°C, unless otherwise noted.
7.7 Electrical Characteristics: Supply Pins VBACKUP, VSYSIN, VRTC, VINLDO
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VBACKUP, VSYSIN, VRTC
VBACKUP = 3 V, VSYSIN = 0 V;
I(q)
Operating quiescent current
20
33
μA
VCC = 2.6 V, current into VBACKUP
VBACKUP < V_VBACKUP, current into
I(SD)
Operating quiescent current
2
3
μA
VBACKUP
VRTC LDO output voltage
VSYSIN = VBACKUP = 0 V, IO = 0 mA
3
V
IO
Output current for VRTC
VSYSIN < 2.57 V and VBACKUP < 2.57 V
30
mA
VRTC short-circuit current limit
VRTC = GND; VSYSIN = VBACKUP = 0 V
100
mA
Maximum output current at VRTC for
VRTC > 2.6 V, VCC = 3 V;
30
mA
RESPWRON = 1
VSYSIN = VBACKUP = 0 V
VO
Output voltage accuracy for VRTC
VSYSIN = VBACKUP = 0 V; IO = 0 mA
–1%
1%
Line regulation for VRTC
VCC = VRTC + 0.5 V to 6.5 V, IO = 5 mA
–1%
1%
IO = 1 mA to 30 mA;
Load regulation VRTC
–3%
1%
VSYSIN = VBACKUP = 0 V
Regulation time for VRTC
Load change from 10% to 90%
10
μs
Ilkg
Input leakage current at VSYSIN
VSYSIN < V_VSYSIN
2
μA
rDS(on) of VSYSIN switch
12.5
rDS(on) of VBACKUP switch
12.5
Input voltage range at VBACKUP(2)
2.73
3.75
V
Input voltage range at VSYSIN(2)
2.73
3.75
V
VSYSIN threshold
VSYSIN falling
–3%
2.55
3%
V
(1)
Typical values are at TA = 25°C, unless otherwise noted.
(2)
Based on the requirements for the Intel PXA270 processor.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS65023 TPS65023B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com