データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65023 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPS65023
部品情報  Power Management IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023 データシート(HTML) 1 Page - Texas Instruments

  TPS65023_15 Datasheet HTML 1Page - Texas Instruments TPS65023_15 Datasheet HTML 2Page - Texas Instruments TPS65023_15 Datasheet HTML 3Page - Texas Instruments TPS65023_15 Datasheet HTML 4Page - Texas Instruments TPS65023_15 Datasheet HTML 5Page - Texas Instruments TPS65023_15 Datasheet HTML 6Page - Texas Instruments TPS65023_15 Datasheet HTML 7Page - Texas Instruments TPS65023_15 Datasheet HTML 8Page - Texas Instruments TPS65023_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
System Platform
TPS6502x
DCDC1
DCDC2
DCDC3
LDO1
LDO1
Example SoC
CORE
1.8-V IO
Domain
Memory
3.3-V IO
Domain
Memory
22 µF
22 µF
22 µF
2.2 µH
2.2 µH
2.2 µH
2.2 µF
2.2 µF
2.2 µF
BACKUP
Enables
and
Vout
Select
DCDC1_EN
DCDC2_EN
DCDC3_EN
LDO_EN
DEFDCDC1
DEFDCDC2
DEFDCDC3
+
±
+
±
R1
R2
Monitored
Voltage1
R3
R4
Monitored
Voltage2
RESPWRON
System Reset
PWRFAIL
LOWBATT
RTC AND
VBACKUP
Peripherals
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65023, TPS65023B
SLVS670K – JUNE 2006 – REVISED DECEMBER 2015
TPS65023x Power Management IC
for Li-Ion and Li-Polymer Powered Systems
1 Features
3 Description
The TPS65023x device is an integrated power
1
1.7-A, 90% Efficient Step-Down Converter for
management IC for applications powered by one
Processor Core (VDCDC1)
Li-Ion or Li-Polymer cell, which require multiple power
1.2-A, Up to 95% Efficient Step-Down Converter
rails. The TPS65023x provides three highly efficient,
for System Voltage (VDCDC2)
step-down converters targeted at providing the core
1.0-A, 92% Efficient Step-Down Converter for
voltage, peripheral, I/O, and memory rails in a
processor-based system. The core converter allows
Memory Voltage (VDCDC3)
for
on-the-fly
voltage
changes
through
serial
30-mA LDO and Switch for Real Time Clock
interface, allowing the system to implement dynamic
(VRTC)
power savings. All three step-down converters enter a
2 × 200-mA General-Purpose LDO
low-power mode at light load for maximum efficiency
Dynamic Voltage Management for Processor Core
across the widest possible range of load currents.
Preselectable LDO Voltage Using Two Digital
Device Information(1)
Input Pins
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Externally Adjustable Reset Delay Time
TPS65023
Battery Backup Functionality
WQFN (40)
5.00 mm × 5.00 mm
TPS65023B
Separate Enable Pins for Inductive Converters
(1) For all available packages, see the orderable addendum at
I2C-Compatible Serial Interface
the end of the data sheet.
I2C™ Setup and Hold Timing:
Simplified Schematic
TPS65023: 300 ns
TPS65023B: 100 ns
85-
μA Quiescent Current
Low Ripple PFM Mode
Thermal Shutdown Protection
40-Pin, 5-mm × 5-mm WQFN Package
2 Applications
Digital Media Players
Internet Audio Players
Digital Still Cameras
Smart Phones
Supply DaVinci™ DSP Family Solutions
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPS65023_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

同様の説明 - TPS65023_15

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com