| データシートサーチシステム |
|
AS5170 データシート(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 データシート(HTML) 2 Page - ams AG |
|
2 / 47 page ![]() Page 2 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − General Description Key Benefits and Features The benefits and features of this device are listed below: Figure 2: Added Value of Using AS5170 Applications The AS5170 is ideal for automotive applications like: • Brake and gas pedals, • Throttle valve and tumble flaps, • Steering angle sensors, • Chassis ride, • EGR, • Fuel-level measurement systems, • 2/4WD switch, and • Contactless potentiometers. Benefits Features • Resolve small angular excursion with high accuracy • 12-bit resolution @90° minimum arc • Accurate angle measurement • Low output noise, low inherent INL • Higher durability and lower system costs (no shield needed) • Magnetic stray field immunity • Enabler for safety critical applications • Functional safety, diagnostics, dual redundant chip version • Suitable for automotive applications • AEC-Q100 Grade 0 qualified |