| データシートサーチシステム |
|
AS5170 データシート(PDF) 37 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 データシート(HTML) 37 Page - ams AG |
|
37 / 47 page ![]() ams Datasheet Page 37 [v1-01] 2016-Apr-11 Document Feedback AS5170 − Application Information External Components Figure 45: Recommended External Components for AS5170A Figure 46: Recommended External Components for AS5170B with PWM Output Component Symbol Min Typ Max Unit Notes VDD buffer capacitor C1 80 100 120 nF VDD3V3 regulator capacitor C2 80 100 120 nF OUT load capacitor (sensor PCB) C3 04.7 nF Do not increase due to programming over output. VDD capacitor (optional) C4 * 4.7 nF VDD serial resistor (optional) R1 * 10 Ω OUT load capacitor (ECU) CL 020 nF OUT serial resistor (optional) R2 * 50 Ω OUT pull-up resistance RLPU 410 k Ω OUT pull-down resistance RLPD 410 k Ω Component Symbol Min Typ Max Unit Notes VDD buffer capacitor C1 80 100 120 nF VDD3V3 regulator capacitor C2 80 100 120 nF OUT load capacitor (sensor PCB) C3 04.7 nF Do not increase due to programming over output. VDD capacitor (optional) C4 * 4.7 nF VDD serial resistor (optional) R1 * 10 Ω OUT load capacitor (ECU) CL 020 nF OUT serial resistor (optional) R2 * 50 Ω OUT pull-up resistance RLPU 110 k Ω OUT pull-down resistance RLPD 110 k Ω |