データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5170 データシート(PDF) 20 Page - ams AG

部品番号 AS5170
部品情報  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5170 データシート(HTML) 20 Page - ams AG

Back Button AS5170 Datasheet HTML 16Page - ams AG AS5170 Datasheet HTML 17Page - ams AG AS5170 Datasheet HTML 18Page - ams AG AS5170 Datasheet HTML 19Page - ams AG AS5170 Datasheet HTML 20Page - ams AG AS5170 Datasheet HTML 21Page - ams AG AS5170 Datasheet HTML 22Page - ams AG AS5170 Datasheet HTML 23Page - ams AG AS5170 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Register Description
Figure 24:
Output Transfer Function
The breakpoint BP sets the discontinuity point where the
output jumps from one clamping level to the other. It is strongly
recommended to set the breakpoint at the maximum distance
from the start and stop position (T1 and T2). To handle the case
of a full turn, a hysteresis function across the breakpoint can be
used to avoid sudden jumps between the lower and upper
clamping level.
Figure 25:
Hysteresis Setting
HYST
Hysteresis LSBs
00
0
01
56
10
91
11
137
Upper failure band
Lower failure band
Max out
CLMPH
CLMPL
OT2
OT1
T1
T2
BGPD
BVPU
Upper clamping band
Lower clamping band
BP
Electrical range
Mechanical range
Mechanical angle
Measured angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47