| データシートサーチシステム |
|
MB91F528R データシート(PDF) 29 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R データシート(HTML) 29 Page - SPANSION |
|
29 / 241 page ![]() D a t a S h e e t 26 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 41 51 59 AE5 P057 - G General-purpose I/O port RDY_0 - External Bus RDY input pin (0) SCK10_1 - Multi-function serial ch.10 clock I/O pin(1) AN42 - ADC analog 42 input pin ICU8_0 - Input capture ch.8 input pin(0) TRG0_2 - PPG trigger 0 input pin(2) PPG1_1 - PPG ch.1 output pin(1) ICU1_1 - Input capture ch.1 input pin(1) TIN6_1 - Reload timer ch.6 event input pin(1) - 56 64 AC7 P182 - A General-purpose I/O port PPG42_0 - PPG ch.42 output pin(0) - - 65 AE6 P210 - Q General-purpose I/O port SCK14_0/SCL14 - Multi-function serial ch.14 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN55 - ADC analog 55 input pin PPG50_0 - PPG ch.50 output pin(0) AIN2_1 - U/D counter ch.2 AIN input pin(1) - - 66 AC8 P211 - Q General-purpose I/O port SOT14_0/SDA14 - Multi-function serial ch.14 serial data output pin(0)/I 2C bus serial data I/O pin AN54 - ADC analog 54 input pin PPG51_0 - PPG ch.51 output pin(0) BIN2_1 - U/D counter ch.2 BIN input pin(1) - - 67 AE7 P212 - G General-purpose I/O port SIN14_0 - Multi-function serial ch.14 serial data input pin(0) AN53 - ADC analog 53 input pin FRCK6_0 - Free-run timer 6 clock input pin(0) ZIN2_1 - U/D counter ch.2 ZIN input pin(1) INT18_0 - INT18 external interrupt input pin(0) - - 68 AD8 P213 - B General-purpose I/O port SCS14_0 - Serial chip select 14 I/O pin(0) AN52 - ADC analog 52 input pin FRCK7_0 - Free-run timer 7 clock input pin(0) INT17_1 - INT17 external interrupt input pin(1) 46 57 69 AE8 P060 - A General-purpose I/O port SCS10_0 - Serial chip select 10 I/O pin(0) PPG2_1 - PPG ch.2 output pin(1) ICU2_1 - Input capture ch.2 input pin(1) TOT5_1 - Reload timer ch.5 output pin(1) INT13_0 - INT13 external interrupt input pin(0) |