| データシートサーチシステム |
|
MB91F528R データシート(PDF) 32 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R データシート(HTML) 32 Page - SPANSION |
|
32 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 29 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 - - 88 AF17 P215 - Q General-purpose I/O port SOT15_0/SDA15 - Multi-function serial ch.15 serial data output pin(0)/I 2C bus serial data I/O pin AN50 - ADC analog 50 input pin FRCK8_0 - Free-run timer 8 clock input pin(0) PPG53_0 - PPG ch.53 output pin(0) - - 89 AE17 P216 - G General-purpose I/O port SIN15_0 - Multi-function serial ch.15 serial data input pin(0) AN49 - ADC analog 49 input pin FRCK9_0 - Free-run timer 9 clock input pin(0) TRG12_1 - PPG trigger 12 input pin(1) INT19_0 - INT19 external interrupt input pin(0) - - 90 AF19 P217 - B General-purpose I/O port SCS15_0 - Serial chip select 15 I/O pin(0) AN48 - ADC analog 48 input pin FRCK10_0 - Free-run timer 10 clock input pin(0) TRG13_1 - PPG trigger 13 input pin(1) 59 75 91 AE18 P075 - F General-purpose I/O port SIN3_0 - Multi-function serial ch.3 serial data input pin(0) INT4_0 - INT4 external interrupt input pin(0) RX5(128)_1 - CAN reception data 5 input pin(1) 60 76 92 AD17 P076 - P General-purpose I/O port SOT3_0/SDA3 - Multi-function serial ch.3 serial data output pin(0)/I 2C bus serial data I/O pin TX5(128)_1 - CAN transmission data 5 output pin(1) 61 77 93 AF20 P077 - E General-purpose I/O port SCK3_0/SCL3 - Multi-function serial ch.3 clock I/O pin(0)/ I 2C bus serial clock I/O pin - - - AE19 P264 - A General-purpose I/O port PPG72_0 - PPG ch.72 output pin(0) - - - AC17 P265 - A General-purpose I/O port PPG73_0 - PPG ch.73 output pin(0) 62 78 94 AF21 P152 - A General-purpose I/O port SCS53_0 - Serial chip select 53 output pin(0) 63 79 95 AE20 P153 - G General-purpose I/O port SCK5_0/SCL5 - Multi-function serial ch.5 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN32 - ADC analog 32 input pin FRCK1_1 - Free-run timer 1 clock input pin(1) INT4_1 - INT4 external interrupt input pin(1) |