| データシートサーチシステム |
|
MB91F528R データシート(PDF) 36 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R データシート(HTML) 36 Page - SPANSION |
|
36 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 33 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 87 106 125 R26 P102 - G General-purpose I/O port SIN7_0 - Multi-function serial ch.7 serial data input pin(0) AN14 - ADC analog 14 input pin PPG10_0 - PPG ch.10 output pin(0) INT10_0 - INT10 external interrupt input pin(0) RX3(128)_0 - CAN reception data 3 input pin(0) 88 107 126 R25 P103 - H General-purpose I/O port SCS73_0 - Serial chip select 73 output pin(0) AN15 - ADC analog 15 input pin PPG11_0 - PPG ch.11 output pin(0) 89 108 127 R23 P104 - H General-purpose I/O port SCS72_0 - Serial chip select 72 output pin(0) AN16 - ADC analog 16 input pin PPG12_0 - PPG ch.12 output pin(0) 90 109 128 P25 P105 - H General-purpose I/O port SCS71_0 - Serial chip select 71 output pin(0) AN17 - ADC analog 17 input pin PPG13_0 - PPG ch.13 output pin(0) 91 110 129 P24 P106 - H General-purpose I/O port SCS70_0 - Serial chip select 70 I/O pin(0) AN18 - ADC analog 18 input pin PPG14_0 - PPG ch.14 output pin(0) 92 111 130 P23 P107 - U General-purpose I/O port AN19 - ADC analog 19 input pin PPG15_0 - PPG ch.15 output pin(0) TXENA_1 - FlexRay ch.A operation enable output(1) - 112 131 P26 P193 - A General-purpose I/O port PPG25_1 - PPG ch.25 output pin(1) 93 113 132 N23 P154 - U General-purpose I/O port AN20 - ADC analog 20 input pin TXDA_1 - FlexRay ch.A data output(1) 94 114 133 L26 P155 - S General-purpose I/O port AN21 - ADC analog 21 input pin RXDA_1 - FlexRay ch.A data input(1) 95 115 136 L25 NMIX N M Non-maskable interrupt input pin - - - L24 P277 - A General-purpose I/O port TRG17_1 - PPG trigger 17 input pin(1) PPG87_1 - PPG ch.87 output pin(1) 96 116 137 L23 P110 - B General-purpose I/O port TX1(128)_0 - CAN transmission data 1 output pin(0) SCS63_0 - Serial chip select 63 output pin(0) AN22 - ADC analog 22 input pin |