| データシートサーチシステム |
|
RT9451 データシート(PDF) 36 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9451 データシート(HTML) 36 Page - Richtek Technology Corporation |
|
36 / 37 page ![]() RT9451 36 DS9451-00 September 2013 www.richtek.com © Copyright 2013 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Layout Considerations Place the input and output capacitors as close to the input and output pins as possible. Keep the main power traces as wide and short as possible. The output inductor and bootstrap capacitor should be placed close to the chip and LX pins. To optimize current sense accuracy, connect the traces to RSENSE with Kelvin sense connection. Figure 10. PCB Layout Guide VIN VIN VIN VIN PGND PGND PGND PGND VIO INT VDDP GND DP BOOT DM MID_LDO 33 24 23 22 21 1 2 3 4 10 11 12 13 31 30 29 28 20 19 5 6 9 32 14 27 18 7 15 26 16 25 17 8 GND To System To Battery GND GND To optimize current and voltage sense accuracy, connect the traces to pins with Kelvin sense connection. Keep the main power traces as wide and short as possible. Keep the main power traces as wide and short as possible. The output inductor and bootstrap capacitor should be placed close to the chip And LX pins. Keep the main power traces as wide and short as possible. Place the input and output capacitors as close to the input and output pins as possible. |