| データシートサーチシステム |
|
RT9451 データシート(PDF) 26 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9451 データシート(HTML) 26 Page - Richtek Technology Corporation |
|
26 / 37 page ![]() RT9451 26 DS9451-00 September 2013 www.richtek.com © Copyright 2013 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Interrupt MASK Register 2 (MASK2) Address - 0x0Ch Data Bit D7 D6 D5 D4 D3 D2 D1 D0 Field Name CHRVPM CHBADM CHBATOVM CHTERMM CHRCHGM CH32MM CHTREGM CHMIVRM Read/ Write R/W R/W R/W R/W R/W R/W R/W R/W Reset Value 0 0 0 0 0 0 0 0 Field Name Bit Definition (1) CHRVPM Charger reverse protection interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHBADM Charger Bad adaptor interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHBATOVM Charger battery over voltage interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHTERMM Charge terminated interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHRCHGM Charger recharge request interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CH32MM Charger 32m timeout interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHTREGM Charger thermal regulation loop active interrupt mask 0 – Interrupt not masked 1 – Interrupt masked CHMIVRM Charger input current MIVR active interrupt mask 0 – Interrupt not masked 1 – Interrupt masked (1) Setting any of the interrupt mask bits does not disable protection circuits. When set, the respective fault will not be signaled on the INT pin. |