データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP83902AVLC データシート(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DP83902AVLC
部品情報  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AVLC データシート(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83902AVLC Datasheet HTML 42Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 43Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 44Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 45Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 46Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 47Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 48Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 49Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
130 Bus Arbitration and Timing (Continued)
REMOTE DMA-BIDIRECTIONAL PORT CONTROL
The Remote DMA transfers data between the local buffer
memory and a bidirectional port (memory to IO transfer)
This transfer is arbited on a byte by byte basis versus the
burst transfer used for Local DMA transfers This bidirec-
tional port is also readwritten by the host All transfers
through this port are asynchronous At any one time trans-
fers are limited to one direction either from the port to local
buffer memory (Remote Write) or from local buffer memory
to the port (Remote Read)
Bus Handshake Signals for Remote DMA Transfers
TLF11157 – 28
REMOTE READ TIMING
1 The DMA reads byteword from local buffer memory and
writes byteword into latch increments the DMA address
and decrements the byte count (RBCR0 1)
2 A Request Line (PRQ) is asserted to inform the system
that a byte is available
3 The system reads the port the read strobe (RACK)is
used as an acknowledge by the Remote DMA and it goes
back to step 1
Steps 1 – 3 are repeated until the remote DMA is complete
Note that in order for the Remote DMA to transfer a byte
from memory to the latch it must arbitrate access to the
local bus via a BREQ BACK handshake After each byte or
word is transferred to the latch BREQ is dropped If a Local
DMA is in progress the Remote DMA is held off until the
local DMA is complete
TLF11157 – 29
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70