| データシートサーチシステム |
|
AN983 データシート(PDF) 59 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AN983 データシート(HTML) 59 Page - List of Unclassifed Manufacturers |
|
59 / 91 page ![]() AN983B PCI/miPCI Fast Ethernet Controller with integrated PHY 8.2.2 THE POINT OF DESCRIPTOR MANAGEMENT OWN bit = 1, ready for network side access OWN bit = 0, ready for host side access Transmit Descriptor Pointers Buffer2 pointer Buffer1 pointer Length 1 Length 2 0 Descriptor 1 Packet 1 1 Packet 1 1 Packet 2 0 0 Data Data Data Buffer Length 1 Length 2 next packet to be transmitted own bit=2, packet1 and packet 2 are ready to transmit empty descriptor pointer end of ring Fig - 7 Transmit pointers for descriptor management ADMtek Inc. www.admtek.com.tw Rev. 1.8 59 |