| データシートサーチシステム |
|
AN983 データシート(PDF) 91 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AN983 データシート(HTML) 91 Page - List of Unclassifed Manufacturers |
|
91 / 91 page ![]() AN983B PCI/miPCI Fast Ethernet Controller with integrated PHY ADMtek Inc. www.admtek.com.tw Rev. 1.8 91 4). For EMI consideration, please add 0.1uF caps between system GND and chassis GND. 4). Provide sample power and ground planes GND plane 1). It is a good idea to fill in unused areas of the signal planes with solid copper 2). The signal ground region should be one continuous, unbroken plane extending from the transformer through the rest of the board. 3). On right angle is recommend when partition the Vcc and GND plane. 5). Void the power and ground plane directly under the transformer. 6). The isolation voltage of the transformer should be rated to be greater than 2kv. 7). The sample board Vcc and GND plane at below side. AN983B AN983B VCC FROM PCI VCC FROM PCI Power Trace Power Switch Power PLANE Power Switch Not Suggestted Good RJ45 Transformer VCC PLANE UNDER CHIP Chassis Ground System Ground |