データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC2113 データシート(PDF) 2 Page - Microchip Technology

部品番号 EMC2113
部品情報  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 データシート(HTML) 2 Page - Microchip Technology

  EMC2113 Datasheet HTML 1Page - Microchip Technology EMC2113 Datasheet HTML 2Page - Microchip Technology EMC2113 Datasheet HTML 3Page - Microchip Technology EMC2113 Datasheet HTML 4Page - Microchip Technology EMC2113 Datasheet HTML 5Page - Microchip Technology EMC2113 Datasheet HTML 6Page - Microchip Technology EMC2113 Datasheet HTML 7Page - Microchip Technology EMC2113 Datasheet HTML 8Page - Microchip Technology EMC2113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
This product meets the halogen maximum concentration values per IEC61249-2-21
ORDERING NUMBER
PACKAGE
FEATURES
EMC2113-1-AP-TR
16-pin 4mm x4mm QFN
(ROHS Compliant)
RPM-based Fan Speed Control
Algorithm, High Frequency PWM driver,
HW Thermal / Critical shutdown
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 2
 2013 Microchip Technology Inc.
ORDERING INFORMATION:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88