データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8272VR データシート(PDF) 31 Page - Motorola, Inc

部品番号 MPC8272VR
部品情報  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272VR データシート(HTML) 31 Page - Motorola, Inc

Back Button MPC8272VR Datasheet HTML 27Page - Motorola, Inc MPC8272VR Datasheet HTML 28Page - Motorola, Inc MPC8272VR Datasheet HTML 29Page - Motorola, Inc MPC8272VR Datasheet HTML 30Page - Motorola, Inc MPC8272VR Datasheet HTML 31Page - Motorola, Inc MPC8272VR Datasheet HTML 32Page - Motorola, Inc MPC8272VR Datasheet HTML 33Page - Motorola, Inc MPC8272VR Datasheet HTML 34Page - Motorola, Inc MPC8272VR Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
Table 17. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Default Modes (MODCK_H=0000
0000_000
50.0
66.7
2
100.0 133.3
2.5
125.0 166.7
2
50.0
66.7
0000_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0
66.7
0000_010
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0000_011
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5
66.7
0000_100
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0000_101
59.5
66.7
3
178.6 200.0
3.5
250.0 280.0
2.5
71.4
80.0
0000_110
53.6
66.7
4
214.3 266.6
3.5
250.0 311.1
3
71.4
88.9
0000_111
50.0
66.7
4
200.0 266.6
3
240.0 320.0
2.5
80.0
106.7
Full Configuration Modes
0001_001
Reserved
0001_010
Reserved
0001_011
Reserved
0001_100
62.5
66.7
2
125.0 133.3
8
250.0 266.6
4
31.3
33.3
0010_001
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0010_010
59.5
66.7
3
178.6 200.0
3.5
250.0 280.0
2.5
71.4
80.0
0010_011
52.1
66.7
3
156.3 200.0
4
250.0 320.0
2.5
62.5
80.0
0010_100
50.0
66.7
3
150.0 200.0
4.5
270.0 360.0
2.5
60.0
80.0
0011_000
Reserved
0011_001
Reserved
0011_010
Reserved
0011_011
Reserved
0011_100
Reserved
0100_000
Reserved
0100_001
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0100_010
Reserved
0100_011
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5
66.7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56