| データシートサーチシステム |
|
MPC8272VR データシート(PDF) 43 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VR データシート(HTML) 43 Page - Motorola, Inc |
|
43 / 56 page ![]() 43 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Pinout Pinout D44 N2 D45 L2 D46 H4 D47 F2 D48 AB1 D49 U4 D50 U1 D51 R3 D52 N3 D53 K2 D54 H5 D55 F4 D56 AA3 D57 U5 D58 U2 D59 P5 D60 M3 D61 K4 D62 H3 D63 E1 IRQ3/CKSTP_OUT/EXT_BR3 B16 IRQ4/CORE_SRESET/EXT_BG3 C15 IRQ5/TBEN/EXT_DBG3/CINT Y4 PSDVAL C19 TA AA4 TEA AB6 GBL/IRQ1 D15 CI/BADDR29/IRQ2 D16 WT/BADDR30/IRQ3 C16 BADDR31/IRQ5/CINT E17 CPU_BR/INT_OUT B20 CS0 AE6 Table 19. Pinout (continued) Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 only Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |