| データシートサーチシステム |
|
MPC8272VR データシート(PDF) 35 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VR データシート(HTML) 35 Page - Motorola, Inc |
|
35 / 56 page ![]() 35 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes 0000_110 26.8 50.0 8 214.3 400.0 3.5 250.0 466.7 3 71.4 133.3 0000_111 25.0 50.0 8 200.0 400.0 3 240.0 480.0 2.5 80.0 160.0 Full Configuration Modes 0001_001 50.0 50.0 4 200.0 200.0 5 250.0 250.0 4 50.0 50.0 0001_010 41.7 50.0 4 166.7 200.0 6 250.0 300.0 4 41.7 50.0 0001_011 35.7 50.0 4 142.9 200.0 7 250.0 350.0 4 35.7 50.0 0001_100 31.3 50.0 4 125.0 200.0 8 250.0 400.0 4 31.3 50.0 0010_001 25.0 50.0 6 150.0 300.0 3 180.0 360.0 2.5 60.0 120.0 0010_010 29.8 50.0 6 178.6 300.0 3.5 250.0 420.0 2.5 71.4 120.0 0010_011 26.0 50.0 6 156.3 300.0 4 250.0 480.0 2.5 62.5 120.0 0010_100 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 0011_000 Reserved 0011_001 31.3 50.0 4 125.0 200.0 2.5 104.3 166.7 3 41.7 66.7 0011_010 Reserved 0011_011 46.9 50.0 4 187.5 200.0 4 250.0 266.7 3 62.5 66.7 0011_100 41.7 50.0 4 166.7 200.0 4.5 250.0 300.0 3 55.6 66.7 0100_000 Reserved 0100_001 25.0 50.0 6 150.0 300.0 3 150.0 300.0 3 50.0 100.0 0100_010 35.7 50.0 6 214.3 300.0 3.5 250.0 350.0 3 71.4 100.0 0100_011 31.3 50.0 6 187.5 300.0 4 250.0 400.0 3 62.5 100.0 0100_100 27.8 50.0 6 166.7 300.0 4.5 250.0 450.0 3 55.6 100.0 0101_000 25.0 50.0 5 125.0 250.0 2.5 125.0 250.0 2.5 50.0 100.0 0101_001 25.0 50.0 5 125.0 250.0 3 150.0 300.0 2.5 50.0 100.0 0101_010 35.7 50.0 5 178.6 250.0 3.5 250.0 350.0 2.5 71.4 100.0 0101_011 31.3 50.0 5 156.3 250.0 4 250.0 400.0 2.5 62.5 100.0 0101_100 27.8 50.0 5 138.9 250.0 4.5 250.0 450.0 2.5 55.6 100.0 0101_101 25.0 50.0 5 125.0 250.0 5 250.0 500.0 2.5 50.0 100.0 Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |