データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDI1394L40 データシート(PDF) 57 Page - NXP Semiconductors

部品番号 PDI1394L40
部品情報  1394 enhanced AV link layer controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394L40 データシート(HTML) 57 Page - NXP Semiconductors

Back Button PDI1394L40 Datasheet HTML 53Page - NXP Semiconductors PDI1394L40 Datasheet HTML 54Page - NXP Semiconductors PDI1394L40 Datasheet HTML 55Page - NXP Semiconductors PDI1394L40 Datasheet HTML 56Page - NXP Semiconductors PDI1394L40 Datasheet HTML 57Page - NXP Semiconductors PDI1394L40 Datasheet HTML 58Page - NXP Semiconductors PDI1394L40 Datasheet HTML 59Page - NXP Semiconductors PDI1394L40 Datasheet HTML 60Page - NXP Semiconductors PDI1394L40 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Philips Semiconductors
Preliminary specification
PDI1394L40
1394 enhanced AV link layer controller
2000 Dec 15
54
13.2.6
Isochronous Transmitter Control Register (ITXCTL) – Base Address: 0x34
29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
SV01844
TAG
CHANNEL
SPD
31 30
Reset Value 0x00000000
Bit 15..14:
R/W
Tag: Tag code to insert in isochronous bus packet header. Should be ‘01’ for IEC 61883 International Standard data.
Bit 13..8:
R/W
Channel: Isochronous channel number.
Bit 5..4:
R/W
Speed: Cable transmission speed (S100, S200, S400).
00 = 100Mbs
01 = 200Mbs
10 = 400Mbs
11 = reserved
Bit 0
R
SY: Sync code to insert in SY field of isochronous bus packet header. This bit reflects the value of the AVx SY pin
and is synchronized with the data payload that was associated with it.
13.2.7
Isochronous Transmitter Memory Status (ITXMEM) – Base Address: 0x038
The AV Transmitter Memory Status register reports on the condition of the internal memory buffer used to store incoming AV data streams
before transmission over the 1394 bus. This register is used primarily for diagnostics; several memory status flags are also available in the
ITXINTACK register.
29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
SV01056
3130
Reset Value 0x00000003
BIT 6:
R
ITXM100LFT: 100 or less quadlets of storage available.
Bit 5:
R
ITXM256LFT: Memory has 256 quadlets of space remaining before becoming full.
Bit 4:
R
ITXM512LFT: Memory has 512 quadlets of space remaining before becoming full.
Bit 3:
R
ITXMF: memory is completely full, no storage available.
Bit 2:
R
ITXMAF: almost full, exactly one quadlet of storage available.
Bit 1:
R
ITXM5AV: at least 5 more quadlets of storage available.
Bit 0:
R
ITXME: memory bank is empty (zero quadlets stored).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com