データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDI1394L40 データシート(PDF) 67 Page - NXP Semiconductors

部品番号 PDI1394L40
部品情報  1394 enhanced AV link layer controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394L40 データシート(HTML) 67 Page - NXP Semiconductors

Back Button PDI1394L40 Datasheet HTML 63Page - NXP Semiconductors PDI1394L40 Datasheet HTML 64Page - NXP Semiconductors PDI1394L40 Datasheet HTML 65Page - NXP Semiconductors PDI1394L40 Datasheet HTML 66Page - NXP Semiconductors PDI1394L40 Datasheet HTML 67Page - NXP Semiconductors PDI1394L40 Datasheet HTML 68Page - NXP Semiconductors PDI1394L40 Datasheet HTML 69Page - NXP Semiconductors PDI1394L40 Datasheet HTML 70Page - NXP Semiconductors PDI1394L40 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Philips Semiconductors
Preliminary specification
PDI1394L40
1394 enhanced AV link layer controller
2000 Dec 15
64
13.4
Indirect Address Registers
13.4.1
The host interface register set has been extended to provide additional control and data registers for FIFO size control and copy protection
control registers. These extensions have been implemented via an indirect addressing mechanism. This mechanism allows software written for
previous versions of the AV Link (PDI1394L21 and PDI1394L11) to operate on the PDI1394L40 with minimal changes.
To read or write from the indirect memory, you first write the appropriate address into the indirect address register (A8 = 1), then read or write
from (or to) the indirect data increment the indirect address by one quadlet. Therefore, if you are writing several quadlets to continuous
addresses, you will not need to increment the indirect address register.
13.4.2
Indirect Address Register (INDADDR) – Base Address: 0x0F8
SV01027
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
INDADDR
RESERVED
Bit 15..0:
R/W
Indirect Address: To read or write from the indirect memory, you first write the appropriate address into the indirect
address register (A8 = 1), then read or write from (or to) the indirect data register (INDDATA, 0x0FC). Each write or
read (A8 = 1) to the indirect data register (INDDATA) will automatically increment the indirect address by one
quadlet. The following addresses are defined in the indirect address space:
Table 8.
INDADDR address and function
INDADDR
FUNCTION
0–0x0FC
Reserved
0x100–0x1FC
FIFO Size Registers
0x500–0xFFFF
Reserved
13.4.3
Indirect Data Register (INDDATA) – Base Address: 0x0FC
SV01764
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
WINDOW TO THE INDIRECT QUADLET POINTED TO BY INDADDR
Bit 31..0:
R/W
Quadlet of data pointed to by the indirect address n the INDADDR register (0x0F8). Note that the Indirect address
autoincrements on each read or write of the INDDATA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com