データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C32-Z データシート(PDF) 7 Page - Copal Electronics

部品番号 ET503C32-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C32-Z データシート(HTML) 7 Page - Copal Electronics

Back Button ET503C32-Z Datasheet HTML 3Page - Copal Electronics ET503C32-Z Datasheet HTML 4Page - Copal Electronics ET503C32-Z Datasheet HTML 5Page - Copal Electronics ET503C32-Z Datasheet HTML 6Page - Copal Electronics ET503C32-Z Datasheet HTML 7Page - Copal Electronics ET503C32-Z Datasheet HTML 8Page - Copal Electronics ET503C32-Z Datasheet HTML 9Page - Copal Electronics ET503C32-Z Datasheet HTML 10Page - Copal Electronics ET503C32-Z Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M12×1
0.5
0.5
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET210K■・N■−Z
30.6±1
28.4±1
27.6±1
ET210P■−Z
30.6±1
28.4±1
27.6±1
ET210R■∼T■−Z
30.6±1
28.4±1
27.6±1
ET210PA −Z
−−
27.6±1
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET215K■・N■−Z
30.6±1
28.4±1
27.6±1
ET215P■−Z
30.6±1
28.4±1
27.6±1
ET215 L・M
R∼T
■−Z
−
28.4±1
27.6±1
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET210K■
ET210N■
ET210P■
AC125V 10A
AC250V 7A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
30,000
cycles
ET210R■
ET210S■
ET210T■
AC125V 10A
AC250V 7A
20,000
cycles
ET210PA12
AC125V 10A
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET215K■
ET215N■
AC125V 15A
AC250V 10A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
30,000
cycles
ET215P ■
ET215L ■
ET215M■
ET215R■
ET215S■
ET215T■
AC125V 15A
AC250V 10A
20,000
cycles
Switching
function
Part No.
Key way
Key way
Key way
  ET210K■−Z
ON
−
OFF
Connecting terminals
1−3 4−6
−−
  ET210N■−Z
ON
−
ON
  ET210P■−Z
ON
OFF
ON
  ET210R■−Z
ON
−
(ON)
  ET210S■−Z
(ON)
OFF
(ON)
  ET210T■−Z
ON
OFF
(ON)
Connecting terminals
2−3 5−6
−
2−1 5−4
★ ET210PA12−Z
ON
ON
OFF
Connecting terminals
2−3 5−65−6
−
Switching
function
Part No.
Key way
Key way
Key way
  ET215K■−Z
ON
−
OFF
  ET215L■−Z
ON
−
(OFF)
Connecting terminals
1−3 4−6
−−
  ET215M■−Z
OFF
−
(ON)
Connecting terminals
−−
1−3 4−6
  ET215N■−Z
ON
−
ON
  ET215P■−Z
ON
OFF
ON
  ET215R■−Z
ON
−
(ON)
  ET215S■−Z
(ON)
OFF
(ON)
  ET215T■−Z
ON
OFF
(ON)
Connecting terminals
2−3 5−6
−
2−1 5−4
ET210(2 poles)
ET215(2 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■ shows the terminal style (blank) , 10 , or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list
of part numbers.of part numbers.
■:Refer to Table of Part Numbers on P.428 for a full list
of part numbers.of part numbers.
Terminal pins No.2 and No.5 are not available in switches
with Switching Function
K .
Terminal pins No.2 and No.5 are not available in switches with
Switching Function
K , L , or M .
(ON)
and(OFF):Momentary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com