データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C32-Z データシート(PDF) 5 Page - Copal Electronics

部品番号 ET503C32-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C32-Z データシート(HTML) 5 Page - Copal Electronics

  ET503C32-Z Datasheet HTML 1Page - Copal Electronics ET503C32-Z Datasheet HTML 2Page - Copal Electronics ET503C32-Z Datasheet HTML 3Page - Copal Electronics ET503C32-Z Datasheet HTML 4Page - Copal Electronics ET503C32-Z Datasheet HTML 5Page - Copal Electronics ET503C32-Z Datasheet HTML 6Page - Copal Electronics ET503C32-Z Datasheet HTML 7Page - Copal Electronics ET503C32-Z Datasheet HTML 8Page - Copal Electronics ET503C32-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M12×1
0.5
1
22
3
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET110A■・D■−Z
−−
24.6±1
ET110E■−Z
−−
24.6±1
ET110F■−Z
27.6±1
−
24.6±1
ET110G■・H■−Z
27.6±1
25.4±1
24.6±1
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET120A■・D■−Z
−−
24.6±1
ET120F■∼H■−Z
27.6±1
27.8±1
24.6±1
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET115A■・D■−Z
27.6±1
25.4±1
24.6±1
ET115E■−Z
27.6±1
25.4±1
24.6±1
ET115B■−Z
−−
24.6±1
ET115C■・F∼H■−Z
−
25.4±1
24.6±1
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET110A■
ET110D■
ET110E■
AC125V 10A
AC250V 7A 20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
30,000
cycles
ET110F ■
ET110G■
ET110H■
AC125V 10A
AC250V 7A
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET120A■
ET120D■
AC125V 20A
AC250V 12A 20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
ET120F■
ET120G■
ET120H■
AC125V 20A
AC250V 12A
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET115A■
ET115D■
ET115E■
AC125V 15A
AC250V 10A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
30,000
cycles
ET115B■
ET115C■
ET115F ■
ET115G■
ET115H■
AC125V 15A
AC250V 10A
20,000
cycles
Switching
function
Part No.
Key way
Key way
Key way
  ET110A■−Z
ON
−
OFF
Connecting terminals
1−3
−−
  ET110D■−Z
ON
−
ON
  ET110E■−Z
ON
OFF
ON
  ET110F■−Z
ON
−
(ON)
  ET110G■−Z (ON)
OFF
(ON)
  ET110H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
−
2−1
Switching
function
Part No.
Key way
Key way
Key way
  ET120A■−Z
ON
−
OFF
Connecting terminals
1−3
−−
  ET120D■−Z
ON
−
ON
  ET120F■−Z
ON
−
(ON)
  ET120G■−Z (ON)
OFF
(ON)
  ET120H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
−
2−1
Switching
function
Part No.
Key way
Key way
Key way
  ET115A■−Z
ON
−
OFF
  ET115B■−Z
ON
−
(OFF)
Connecting terminals
1−3
−−
  ET115C■−Z
OFF
−
(ON)
Connecting terminals
−−
1−3
  ET115D■−Z
ON
−
ON
  ET115E■−Z
ON
OFF
ON
  ET115F■−Z
ON
−
(ON)
  ET115G■−Z (ON)
OFF
(ON)
  ET115H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
−
2−1
ET110(1 pole)
ET120(1 pole)
ET115(1 pole)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal pin No.2 is not available in switches with Switching
Function
A .
Terminal pin No.2 is not available in switches with
Switching Function
A .
Terminal pin No.2 is not available in switches with
Switching Function
A , B , or C .
■ shows the terminal style (blank) , 10 , or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
(ON)
:Momentary.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com