データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C32-Z データシート(PDF) 12 Page - Copal Electronics

部品番号 ET503C32-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C32-Z データシート(HTML) 12 Page - Copal Electronics

Back Button ET503C32-Z Datasheet HTML 6Page - Copal Electronics ET503C32-Z Datasheet HTML 7Page - Copal Electronics ET503C32-Z Datasheet HTML 8Page - Copal Electronics ET503C32-Z Datasheet HTML 9Page - Copal Electronics ET503C32-Z Datasheet HTML 10Page - Copal Electronics ET503C32-Z Datasheet HTML 11Page - Copal Electronics ET503C32-Z Datasheet HTML 12Page - Copal Electronics ET503C32-Z Datasheet HTML 13Page - Copal Electronics ET503C32-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2-M3×0.5
12M×1
4-M3×0.5
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET420K13
ET420N13
ET420P13
AC125V 20A
AC250V 12A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET425K12
ET425N12
ET425P12
AC125V 25A
AC250V 15A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET610N13
AC125V 10A
AC250V 7A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
5,000
cycles
Switching
function
Part No.
Key way
Key way
Key way
★ET425K12−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9 10−12
−−
★ET425N12−Z
ON
−
ON
★ET425P12−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
Switching
function
Part No.
Viewed from part No. and rating marking side
★ET420K13−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9 10−12
−−
★ET420N13−Z
ON
−
ON
★ET420P13−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
Switching
function
Part No.
Viewed from part No. and rating marking side
☆ET610N13−Z
ON
−
ON
Connecting terminals
2−3 5−6
8−9 11−12
14−15 17−18
−
2−1 5−4
8−7 11−10
14−13 17−16
ET420□13(4 poles)
ET425□12(4 poles)
ET610N13(6 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
ET
★:Made to order products.
☆:Semi-standard products.
Terminal pins No.2, No.5, No.8, and No.11 are not available in
switches with Switching Function
K .
Terminal pins No.2, No.5, No.8, and No.11 are not available in
switches with Switching Function
K .
■Panel Cut-Out Dimensions
■Panel Cut-Out Dimensions
(Plate mounting type)
(Plate mounting type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com