| データシートサーチシステム |
|
MCP9902T-2E/RW データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW データシート(HTML) 30 Page - Microchip Technology |
|
30 / 50 page ![]() MCP9902/3/4 DS20005382C-page 30 2015-2016 Microchip Technology Inc. REGISTER 5-19: EXT FLT STS – EXTERNAL DIODE FAULT STATUS REGISTER (ADDRESS 1BH) U-0 U-0 U-0 U-0 RC-0 RC-0 RC-0 U-0 — — — — E3FLT E2FLT E1FLT — bit 7 bit 0 Legend: RC = Read-then-clear bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-4 Unimplemented : Read as ‘0’ 3 E3FLT : This bit is set if the External Diode 3 channel reported a diode fault 1 = Diode Fault condition present 0 = No Diode Fault present 2 E2FLT : This bit is set if the External Diode 2 channel reported a diode fault 1 = Diode Fault condition present 0 = No Diode Fault present 1 E1FLT : This bit is set if the External Diode 2 channel reported a diode fault 1 = Diode Fault condition present 0 = No Diode Fault present 0 Unimplemented : Read as ‘0’ |