| データシートサーチシステム |
|
MCP9902T-2E/RW データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW データシート(HTML) 18 Page - Microchip Technology |
|
18 / 50 page ![]() MCP9902/3/4 DS20005382C-page 18 2015-2016 Microchip Technology Inc. 5.5 Alert Response Address The ALERT/THERM2 output can be used as a processor interrupt or as an SMBus Alert. When it detects that the ALERT/THERM2 pin is asserted, the host will send the Alert Response Address (ARA) to the general address of 0001_100xb. All devices with active interrupts will respond with their client address as shown in Table 5-6. The MCP9902/3/4 will respond to the ARA in the following way: • Send Slave Address and verify that full slave address was sent (i.e. the SMBus communication from the device was not prematurely stopped due to a bus contention event). • Set the MASK_ALL bit to clear the ALERT/THERM2 pin. The ARA does not clear the Status Register and if the MASK_ALL bit is cleared prior to the Status Register being cleared, the ALERT/THERM2 pin will be reasserted. TABLE 5-6: ALERT RESPONSE ADDRESS PROTOCOL START ALERT Response Address RD ACK Device Address NACK STOP 1 → 0 0001_100 1 0 YYYY_YYY 1 0 → 1 |