| データシートサーチシステム |
|
MCP9902T-2E/RW データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW データシート(HTML) 39 Page - Microchip Technology |
|
39 / 50 page ![]() 2015-2016 Microchip Technology Inc. DS20005382C-page 39 MCP9902/3/4 B A 0.05 C 0.05 C 0.10 C A B 0.05 C (DATUM A) (DATUM B) C SEATING PLANE NOTE 1 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: NOTE 1 0.05 C A B 0.05 C Microchip Technology Drawing C04-261A Sheet 1 of 2 8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN] 2X E D 12 N E2 D2 2X CH (K) 8X b e L A (A3) 0.05 C A1 |