データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9903T-2E/RW データシート(PDF) 33 Page - Microchip Technology

部品番号 MCP9903T-2E/RW
部品情報  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW データシート(HTML) 33 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 29Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 30Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 31Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 32Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 33Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 34Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 35Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 36Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 33
MCP9902/3/4
REGISTER 5-22:
EXT(N) BETA CFG – BETA COMPENSATION CONFIGURATION REGISTER
(ADDRESSES 25H AND 26H)
U-0
U-0
U-0
U-0
RW-1
RW-0
RW-0
RW-0
—
—
—
—
ENBLx
BETAx<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7
Unimplemented
: Read as ‘0’
6
Unimplemented
: Read as ‘0’
5
Unimplemented
: Read as ‘0’
4
Unimplemented
: Read as ‘0’
3
ENBLx
: Enables the Beta Compensation factor auto-detection function. X = 1 or 2, depending on the
device
1
= Auto-Beta detection for External Diode x is enabled
0
= Auto-Beta detection for External Diode x is disabled
2-0
BETAx<2:0>
: These bits always reflect the current beta configuration settings. If auto-detection
circuitry is enabled, these bits will be updated automatically and writing to these bits will have no
effect.
000
= 0.11
001
= 0.18
010
= 0.25
011
= 0.33
100
= 0.43
101
= 1.00
110
= 2.33
111
= disabled
REGISTER 5-23:
EXT (N) IDEALITY FACTOR – EXTERNAL DIODE N IDEALITY FACTOR
REGISTER (ADDRESSES 27H, 28H AND 31H)
U-0
U-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-0
—
—
IDEAL(n)<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-6
Unimplemented
: Read as ‘0’
5-0
IDEAL(n)<5:0>
: External Diode n Ideality factor, where n = 1 to 3 depending on device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50